PART |
Description |
Maker |
BA685B |
Rechargeable lithium-ion battery ?extreme performance
|
saftbatteries
|
MM3077 |
Protection of Lithium Ion/Lithium Polymer Battery(one cell)
|
Mitsumi
|
CTL1616F |
Coin type rechargeable lithium batteries (CTL series)
|
Panasonic
|
ML614 |
Coin Type Rechargeable Lithium Battery From old datasheet system
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
DS2720 DS2720AU DS2720BU DS2720CU |
Efficient, Addressable Single-Cell Rechargeable Lithium Protection IC Efficient/ Addressable Single-Cell Rechargeable Lithium Protection IC
|
Dallas Semiconducotr
|
LTC4052-4.2 LTC4052EMS8E-4.2 LTC4052EMS8E-4.2TR LT |
1A Lithium-Ion Battery Pulse Charger with Overcurrent Protection Lithium-Ion Battery Pulse Charger with Overcurrent Protection; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp.
|
AAT3670ISK-4.2-T1 AAT3670 |
1.6A Dynamic Battery Charger and Power Manager The AAT3670 BatteryManager is a highly integrated single-cell lithium-ion/polymer (Li-ion) battery c
|
Analogic Corporation ANALOGICTECH[Advanced Analogic Technologies]
|
EFL700A39-RL |
EnFilm™ - rechargeable solid state lithium thin film battery
|
ST Microelectronics
|
AM29LV033C-90 AM29LV033C-90EE AM29LV033C-90EI AM29 |
LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8 4M X 8 FLASH 3V PROM, 90 ns, PDSO40 LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 2500; Container: Reel 4M X 8 FLASH 3V PROM, 90 ns, PDSO40 32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory 4M X 8 FLASH 3V PROM, 70 ns, PBGA63 LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 32兆位个M × 8位)的CMOS 3.0伏特,只有统一部门闪存
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
TC3827 TC3827-4.2VUA TC3827-4.1VUA |
The TC3827 is a battery charger controller for a single cell Li-Ion battery. Using an external PMOS transistor, safe and fast charging of a single Li-Ion cell is accomplished. Features include over-current foldback, charge current monitor, Lithium-Ion Battery Charger
|
MICROCHIP[Microchip Technology]
|
UF463443G |
Lithium Ion
|
Panasonic Battery Group
|